PART |
Description |
Maker |
FCPS-24F |
24 Volt, 6 Amp Remote Power Supply
|
Electronic Theatre Controls, Inc.
|
FCPS-24F FCPS-24FE |
24 Volt, 6 Amp Remote Power Supply
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC
|
MAX4314 MAX4313 MAX4312 MAX4311 MAX4310-MAX4315 |
High-Speed, Low-Power, Single-Supply Multichannel, Video Multiplexer-Amplifiers From old datasheet system "4- Channel, Singlel-Supply Video Mux-Amp (Av> 1)" "8- Channel, Singlel-Supply Video Mux-Amp (Av> 1)" "2- Channel, Single-Supply Video Mux-Amp (Av > 2)" " 4- Channel, Single-Supply Video Mux-Amp (Av > 2)"
|
MAXIM - Dallas Semiconductor
|
UPS540 |
TOOLS,INSPECTION,MIRRORS,INSPECTION MIRROR, 2.5" DIAMETER WITH TELESCOPING 15" HANDLE,HAND TOOLS,INSPECTION MIRRORS AND MAGNIFIERS ,GENERAL (TOOLS) RoHS Compliant: NA SCHOTTKY BARRIER RECTIFIER 0.5 AMP/ 40 VOLT SCHOTTKY BARRIER RECTIFIER 0.5 AMP, 40 VOLT
|
MICROSEMI[Microsemi Corporation]
|
MAX1970-MAX1972 MAX1970EEE MAX1971 MAX1971EEE MAX1 |
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO Fixed-Point Digital Signal Processor 532-FCBGA 0.75 A SWITCHING REGULATOR, 1600 kHz SWITCHING FREQ-MAX, PDSO16 Dual, 180Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO 双路80°异相.4MHz50mA、降压型调节器,带有POR和RSI/PFO Dual / 180 Out-of-Phase / 1.4MHz / 750mA Step- Down Regulator with POR and RSI/PFO Dual, 180??Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
|
http:// Maxim Integrated Products, Inc.
|
JANTXV1N827ATR-2 JANS1N827ATR-2 JANTXV1N827TR-2 JA |
6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated 6.2 V, SILICON, VOLTAGE REFERENCE DIODE, DO-204AH 6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated 6.2 V, SILICON, VOLTAGE REFERENCE DIODE, DO-213AA
|
Microsemi, Corp. Microsemi Corporation
|
LT1616 LT1616ES6 LT1616ES6TR LT1616ES6TRPBF LT1616 |
600mA, 1.4MHz Step-Down Switching Regulator in SOT-23 0.85 A SWITCHING REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6 600mA, 1.4MHz Step-Down Switching Regulator in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 0.85 A SWITCHING REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6 1.4MHz, 600mA Step-Down Switching Regulator in SOT-23
|
Linear Technology, Corp.
|
LT1618EDD LT1618EMS LT16181 LT1618EDDPBF LT1618EDD |
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter Constant-Current/Constant-Voltage 1.4MHz Step-Up DC/DC Converter; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 2.8 A SWITCHING REGULATOR, 1600 kHz SWITCHING FREQ-MAX, PDSO10 Constant-Current/Constant-Voltage 1.4MHz Step-Up DC/DC Converter; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 2.8 A SWITCHING REGULATOR, 1600 kHz SWITCHING FREQ-MAX, PDSO10
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
EL2257CS-T7 EL2257 EL2257CN EL2257CS EL2257CS-T13 |
Op Amp, Video, Dual 125MHz, SR=275V/s, Low Power, Low Voltage, Single Supply, Clamping, 100mA Output, with High Speed Disable and Power-Down 125MHz Single Supply, Clamping Op Amp
|
INTERSIL[Intersil Corporation]
|
2SC2356 |
SILICON HIGH SPEED TRIPLE DIFFUSED NPN POWER TRANSISTOR 10 AMP,400 VOLT
|
Fujitsu Microelectronics
|
CSHD10-100C |
SURFACE MOUNT SILICON DUAL, COMMON CATHODE HIGH VOLTAGE SCHOTTKY RECTIFIER 10 AMP, 100 VOLT
|
Central Semiconductor C...
|